PART |
Description |
Maker |
IC280-720-106 IC280-256-211 IC280-69605.AC-08327 I |
Ball Grid Array (FBGA / CSP / LGA)
|
Yamaichi Electronics Co., Ltd.
|
FL9B5BH030S-C FL9B5BH060S-C FL7B5BH FL9B5BH033S-C |
Ball-Grid-Array Thin Film Low-Pass Filter
|
ETC List of Unclassifed Manufacturers
|
ETCSP |
the first ball grid array capable of an extremely thin 0.5 mm maximum mounted height.
|
Amkor Technology, Inc.
|
BGA-320P-M06 |
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
|
Fujitsu Limited
|
BGA-320P-M06 |
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
|
Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|
GLT5640AL16P-5.5TC GLT5640AL16P-6TC GLT5640AL16P-7 |
TUBE, SHR, POL, 063/031, BLK, 017, 600V, 135C, (934872) 4米16个CMOS同步动态随机存储器 TUBING SHRINK BLK IRRAD-PFIN 1/16 ID HEAT SHRINK TUBING, 2.4MM POLYOLEFIN, BLACK TBG H/SHRINK FP 1/16 BLK HEAT SHRINK TUBING 1/8 IN SHRINK TUBING D=12 TUBING, HEAT SHRINK, 0.187 ID UL224 BLK SHRINK TUBING, .093X..046IDX.020, BLK 4M X 16 CMOS Synchronous Dynamic RAM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
ECG2331 ECG2326 ECG2322 ECG2328 ECG2332 ECG2333 |
FAN AC 176X89 220V BALL, 420cfm TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 8A I(C) | TO-220VAR FAN AC 172X51 115V BALL, 106cfm TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 15A I(C) | TO-247VAR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|47VAR FAN AC 180X65 115V BALL, 400cfm 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|甲一(c)|20 FAN AC 180X65 115V BALL, 340cfm 晶体管|晶体管|叩| 450V五(巴西)总裁| 8A条一c)| TO - 220AB现有
|
Vishay Intertechnology, Inc. NEC, Corp.
|
TX14-80R-6ST-MH1 TX14-120R-6ST-MH1 TX14-70R-6ST-MH |
Small signal NPN transistor RECEPTACLE 1.27MM 120 WAY Complementary silicon power transistors RECEPTACLE 1.27MM 30 WAY RECEPTACLE 1.27MM 40 WAY RECEPTACLE 1.27MM 50 WAY NPN Darlington power module PLUG R/A 1.27MM 40 WAY RECEPTACLE R/A 1.27MM 40 WAY PLUG 1.27MM 40 WAY Complementary power transistors RECEPTACLE R/A 1.27MM 50 WAY RECEPTACLE R/A 1.27MM 30 WAY 插座1.27MM 30未来 道路40插座1.27MM LOW VOLTAGE NPN POWER TRANSISTOR 插头1.27MM 100未来
|
Bourns, Inc.
|
FLGA |
Fine Pitch Land Grid Array
|
STATSCHIP[STATS ChipPAC, Ltd.]
|
CA-PLCC44-D-M-T-01 |
Carrier Adaptor (CA): 44 position PLCC production socket with test points to mini-grid array interface.
|
Ironwood Electronics.
|
CA-PLCC32-Z-M-T-01 |
Carrier Adapter 32 Position PLCC ZIF Socket with test points to mini-grid array interface. Pin mapping is 1:1.
|
Ironwood Electronics.
|
AY-3-8500 |
Ball and Paddle
|
General Semiconductor
|